PART |
Description |
Maker |
CY39050Z208-83NTC CY3930V388-83NTC CY39050V484-83N |
Evaluation Board for ADXL346 - 3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer 50 MHz to 4.0 GHz RF/IF Gain Block; Package: 3-pin; Temperature Range: -40°C to 125°C Triple Skew-Compensating Video Delay Line with Analog and Digital Control; Package: 32-LFCSP (5x5mm w/3.5mm exposed pad); Temperature Range: -40°C to 125°C 3-Axis, ±2 g/±4 g/±8 g/±16 g Ultralow Power Digital Accelerometer; Package: 16-LGA; Temperature Range: -40°C to 125°C CPLDs at FPGA Densities CPLD器件在FPGA的密 CPLDs at FPGA Densities LOADABLE PLD, 8.5 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 7.2 ns, PQFP208 CPLDs at FPGA Densities LOADABLE PLD, 7.2 ns, PBGA256 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA388 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PQFP208 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA256 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA484 CPLDs at FPGA Densities LOADABLE PLD, 15 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA676 CPLDs at FPGA Densities LOADABLE PLD, 10 ns, PBGA256
|
Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
MAX197 MAX197ACAI MAX197ACNI MAX197ACWI MAX197AEAI |
Multi-Range (±10V, ±5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (10V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (【10V, 【5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (±10V, ±5V, 10V, 5V),
Single 5V, 12-Bit DAS with 8 4 Bus Interface DATA ACQ SYSTEM,8-CHANNEL,12-BIT,SSOP,28PIN,PLASTIC From old datasheet system Multi-Range (10V / 5V / 10V / 5V) / Single 5V / 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface Multi-Range (0V, 5V, 10V, 5V), Single 5V, 12-Bit DAS with 8 4 Bus Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products Inc MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
BAS70-04T BAS70-05 BAS70-04 BAS70-02L BAS70-05W BA |
SENSOR VACUUM GAGE .3PSI CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 400 A rms nominal, ±900 A range CSCA-A Series Hall-effect based, open-loop current sensor, Molex-type connector, 200 A rms nominal, ±600 A range CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 100 A rms nominal, ±300 A range Silicon Schottky Diode Latest Silicon Discretes - Schottky Diode for switching applications
|
INFINEON[Infineon Technologies AG]
|
EMRS-1800TR |
±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver; Temperature Range: -40°C to 85°C; Package: 20-SSOP T&R ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 18-SOIC T&R ±15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250Kbps, RS-232 Transmitter/Receiver; Temperature Range: 0°C to 70°C; Package: 18-SOIC T&R E系列表面贴装混合6002300兆赫 1600 MHz - 2300 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 9.5 dB CONVERSION LOSS-MAX
|
Analog Devices, Inc.
|
ISL23710UIU10Z ISL23710 ISL23710WIU10Z ISL23710WIU |
Terminal Voltage -3V or -5V, 128 Taps Up/Down Interface Terminal Voltage ±3V or ±5V, 128 Taps Up/Down Interface; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 10K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 128 POSITIONS, PDSO10 Terminal Voltage ±3V or ±5V, 128 Taps Up/Down Interface; Temperature Range: -40°C to 85°C; Package: 10-MSOP T&R 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 128 POSITIONS, PDSO10
|
Intersil Corporation Intersil, Corp.
|
ADG1419 ADG1419BCPZ-REEL7 ADG1419BRMZ ADG1419BRMZ- |
2.1 Ω Max On Resistance ±15 V/12 V/±5 V iCMOS SPDT Switch; Package: Micro SOIC; No of Pins: 8; Temperature Range: Ind SGL POLE DOUBLE THROW SWITCH, PDSO8 2.1 Ω On Resistance, ±15 V/ 12 V/±5 V iCMOS SPDT Switch 2.1 楼? On Resistance, 隆戮15 V/ 12 V/隆戮5 V iCMOS SPDT Switch
|
Analog Devices, Inc.
|
AHE2812D-MSTR AHE2812D/CH-SLV AHE2812D/CH-MSTR AHE |
Ultralow Power Dual Comparators; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 8-Channel, ±10V Input 12-Bit, 100ksps ADC Converter with Shutdown; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换
|
International Rectifier, Corp. OlympicControls, Corp.
|
EMIF02-MIC02 |
5V, Half Duplex, 250kbps Slew Rate Limited, ±15kV ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-PDIP 2线EMI滤波器和ESD保护 5V, Half Duplex, 250kbps Slew Rate Limited, ±15kV ESD Protected, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-PDIP 2 LINES EMI FILTER AND ESD PROTECTION
|
Bourns, Inc. ST Microelectronics
|
AD5570WRSZ AD5570-15 |
True Accuracy, 16-Bit ±12 V/±15 V, Serial Input Voltage Output D/A Converter; Package: SSOP; No of Pins: 16; Temperature Range: Industrial SERIAL INPUT LOADING, 12 us SETTLING TIME, 16-BIT DAC, PDSO16 True Accuracy, 16-Bit 12 V/15 V, Serial Input Voltage Output DAC
|
Analog Devices, Inc.
|
AD5530BRU AD5531BRU AD5531 AD5530 |
Serial Input, ±10 V Output Voltage Range, 14-Bit DAC Serial Input, ±10 V Output Voltage Range, 12-Bit DAC Serial Input, 0 V Output Voltage Range, 12-Bit DAC Serial Input, 0 V Output Voltage Range, 14-Bit DAC Serial Input/ Voltage Output 12-/14-Bit DACs Serial Input, Voltage Output 12-/14-Bit DACs 串行输入,电压输出数模转换器12-/14-Bit
|
AD[Analog Devices] Analog Devices, Inc.
|
ADG732 ADG726BSUZ ADG732BSU-REEL ADG732BCP ADG732B |
16-/32-Channel, 4 1.8 V to 5.5 V, 2.5 V Analog Multiplexers 32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer; Package: TQFP (7x7mm); No of Pins: 48; Temperature Range: Industrial 32-CHANNEL, SGL ENDED MULTIPLEXER, PQFP48 16-/32- Channel, 3.5 O 1.8 V to 5.5 V, ±2.5 V, Analog Multiplexer 16-CHANNEL, DIFFERENTIAL MULTIPLEXER, PQFP48 32-Channel, Serially Controlled 3.5 Ohm 1.8 V to 5.5 V, .5 V, Analog Multiplexer 16-/32- Channel, 3.5 ohms 1.8 V to 5.5 V, .5 V, Analog Multiplexer
|
Analog Devices, Inc.
|
|